PART |
Description |
Maker |
89HPES22H16G2 |
Supports up to 128 Bytes to 2 KB maximum payload size
|
Integrated Device Techn...
|
KPM-256LFU |
6 V, size: 128 x 256 x 30 mm, LED dot matrix module
|
AUK Corp
|
KLM-128DCAN |
6 V, size: 128 x 256 x 11 mm, LED dot matrix module
|
AUK Corp
|
DMF-50427NJ-SLY |
128 x 64dots; dot size:0.40 x 0.40mm; 0.3-7.0V 2.1mA LCD module
|
Optrex Corporation
|
ISL95711 ISL95711UIU10Z ISL95711UIU10Z-T ISL95711W |
Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes
|
Intersil Corporation
|
LT1121 LT1121-3.3 LT1121-5 LT1121ACS8 LT1121ACS8-3 |
From old datasheet system Micropower Low Dropout Regulators with Shutdown Octal Buffers/Drivers With 3-State Outputs 20-SO 0 to 70 Paired Cable; Number of Conductors:30; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:15; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes JT 18C 18#20 SKT PLUG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Octal Buffers/Drivers With 3-State Outputs 20-SOIC 0 to 70 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDIP8
|
http:// LINER[Linear Technology] Linear Technology Corporation 固定正电压单路输出LDO稳压 Linear Technology, Corp.
|
AGM1264D AGM1264D-MLBYS-T AGM1264D-MLGBD-T AGM1264 |
0.3-7.0V; 1.0mA; number of dots: 128 x 64dots; dot size:0.39 x 0.55mm; dot pitch:0.44 x 0.60mm; AZ display LCD MODULE
|
AZDISPLAYS[AZ Displays]
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
DS2890T-000 DS2890X-000 DS2890-000 DS2890P DS2890P |
128 x 128 pixel format, LED or EL Backlight available 1-Wire Digital Potentiometer
|
Dallas Semiconducotr
|
W541C261 |
4BIT MICROCONTROLLER, 2K 6 ROM, 128 RAM 128 -DOT LCD
|
Winbond Electronics Corp
|
NJU6680 NJU6680CL |
128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER From old datasheet system
|
NJRC[New Japan Radio]
|